Part Number Hot Search : 
UCC20225 2SC4793 T1206 25Q40 BP104S 015EZ0 1N599 D74ALVC1
Product Description
Full Text Search
 

To Download DJ008S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CIRCULAR DIN JACKS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech DJ Series Circular DIN Jacks continue to be a popular interface for many applications. They are especially suitable for applications that require reliable transfer of low level signals. Available in a wide selection of positions they feature a choice of an all plastic body or a plastic body with metal face shield. Mounting selections include Right Angle or Vertical PCB mount and Panel Mount with or without mounting flange. Adam Tech DJ series jacks features an exclusive high reliability contact design which utilizes a dual wipe, extended fork contact. The jacks overall contact area is increased primarily in the mating area which helps maintain a constant contact pressure for superior electrical performance. FEATURES: Wide range of styles Offered in 3 thru 13 positions Standard and shielded versions available Excellent for Low Level signal applications MATING PLUGS: All industry standard circular DIN plugs. SPECIFICATIONS: Material: Standard insulator: PBT glass filled, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0 Insulator Color: Black Contacts: Brass Shield: Copper Alloy, Bright Nickel plated Contact Plating: Tin over Copper underplate overall Electrical: Operating voltage: 20V DC max. Current rating: 2 Amps max Contact resistance: 20 m max. initial Insulation resistance: 500 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Insertion force: 15 lb max. Withdrawal force: 0.8 lb min Mating durability: 5000 cycles min. Temperature Rating: Operating temperature: -25C to +100C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
PC BOARD AND PANEL MOUNT
DJ SERIES
ORDERING INFORMATION RIGHT ANGLE PC BOARD MOUNT DJ 005 S
SERIES INDICATOR DJ = Right Angle, PC board mount DIN Jack
FOOTPRINT/ SHIELDING Blank = Non-shielded, 10mm centerline front pins .5 = Non shielded 5mm centerline front pins S = Metal shield, 10mm centerline front pins S.5 = Metal shield, POSITIONS 5mm centerline 003 thru 013 front pins
STRAIGHT PC BOARD MOUNT AND PANEL MOUNT VERSIONS DJN 005 A
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
OPTIONS: Add designator(s) to end of part number RoHS COMPLIANT HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260C
SERIES INDICATOR DJP = Panel mount w/ Mounting Flange DJN = Barrel type straight PCB mount
TERMINATION A = Solder eyelet B = PCB pin
POSITIONS 003 thru 013
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
213


▲Up To Search▲   

 
Price & Availability of DJ008S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X